Part Number Hot Search : 
A1215 BGD602 DG509A TEA6811V CY7C342 C3792 KT961 FM820
Product Description
Full Text Search
 

To Download CD620815A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CD62__15A CD67__15A
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK Dual SCR/Diode Isolated Module 150 Amperes / Up to 1600 Volts
TM
OUTLINE DRAWING
A D E F F
Description:
Powerex SCR/Diode Modules are designed for use in applications requiring phase control and isolated packaging. The modules are isolated for easy mounting with other components on a common heatsink. TM POW-R-BLOK has been tested and recognized by the Underwriters Laboratories. CD62__15A, CD67__15A Dual SCR/Diode Isolated TM POW-R-BLOK Module 150 Amperes / Up to 1600 Volts
7
6
B
G S
1
2
3 5
M
4
"J" (3) R
F "K" (2)
N C H P Q
Features:
T T T T T Electrically Isolated Heatsinking DBC Alumina (Al2O3) Insulator Glass Passivated Chips Metal Baseplate Low Thermal Impedance for Improved Current Capability T Quick Connect Gate Terminal with Provision for Keyed Mating Plug T UL Recognized (E78240)
CD67 5 3 3 6 7
4
CD62
2
~
+
1
2
~1
CONNECTION DIAGRAMS
+
Ordering Information:
CD62__15A, CD67__15A Outline Dimensions
Dimension A B C D E F G H J K M N P Q R S Inches 3.70 1.38 1.18 3.15 0.67 0.91 0.57 0.35 M6 0.26 .020 0.28 1.10 1.14 0.03 0.11 Millimeters 94 35 30 80 17 23 14.5 9 M6 6.5 5 7 28 29 0.8 2.8
Select the complete nine digit module part number from the table below. Example: CD621615A is a 1600Volt, 150 Ampere SCR/Diode Isolated TM POW-R-BLOK Module
Benefits:
T No Additional Insulation Components Required T Easy Installation T No Clamping Components Required T Reduce Engineering Time
Type
CD62 CD67
Voltage Volts (x100)
08 12 14 16
Current Amperes (x 10)
15
Applications:
T T T T T T T T Bridge Circuits AC & DC Motor Drives Battery Supplies Power Supplies Large IGBT Circuit Front Ends Lighting Control Heat & Temperature Control Welders
Note: Dimensions are for reference only.
Revision Date: 12/04/2002
CD62__15A CD67__15A
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK Dual SCR/Diode Isolated Module 150 Amperes / Up to 1600 Volts
TM
Absolute Maximum Ratings
Characteristics Repetitive Peak Forward and Reverse Blocking Voltage Non-Repetitive Peak Reverse Blocking Voltage (t < 5 msec) RMS Forward Current Average Forward Current Peak One Cycle Surge Current, Non-Repetitive 180 Conduction, TC=85C 180 Conduction, TC=85C (AC Switch) 180 Conduction, TC=85C 180 Conduction, TC=90C 60 Hz, 100% VRRM reapplied, Tj=125C 60 Hz, No VRRM reapplied, Tj=125C 50 Hz, 100% VRRM reapplied, Tj=125C 50 Hz, No VRRM reapplied, Tj=125C Peak Three Cycle Surge Current, Non-Repetitive 60 Hz, 100% VRRM reapplied, Tj=125C 50 Hz, 100% VRRM reapplied, Tj=125C Peak Ten Cycle Surge Current, Non-Repetitive I t for Fusing for One Cycle
2
Conditions
Symbol VDRM & VRRM VRSM IT(RMS) IT(RMS) IT(AV) IT(AV) ITSM ITSM ITSM ITSM ITSM ITSM ITSM ITSM It It It It di/dt
2 2 2 2
Units up to 1600 VRRM + 100 250 355 160 150 4300 5100 4100 4870 3250 3150 2650 2550 76,700 108,000 84,000 119,000 300
2 2 2 2
V V A A A A A A A A A A A A A sec A sec A sec A sec A/s
60 Hz, 100% VRRM reapplied, Tj=125C 50 Hz, 100% VRRM reapplied, Tj=125C 8.3 ms, 100% VRRM reapplied, Tj=125C 8.3 ms, No VRRM reapplied, Tj=125C 10 ms, 100% VRRM reapplied, Tj=125C 10 ms, No VRRM reapplied, Tj=125C
Maximum Rate-of-Rise of On-State Current, Non Repetitive Peak Gate Power Dissipation Average Gate Power Dissipation Peak Forward Gate Current Peak Reverse Gate Voltage Operating Temperature Storage Temperature Max. Mounting Torque, M6 Mounting Screw on Terminals Max. Mounting Torque, Module to Heatsink Module Weight, Typical V Isolation @ 25C
Tj=125C, VD=1.0 VDRM (Rated), ITM=400A , IG=0.5 A, Tr < 0.25s, tp > 6s Tp < 5 ms, Tj = 125C F = 50 Hz, Tj = 125C Tp < 5 ms, Tj = 125C Tp < 5 ms, Tj = 125C
PGM PG(AV) IGFM VGRM TJ Tstg
12 3 3 10 -40 to +125 -40 to +150 35 - 50 4-6 35 - 50 4-6 200 7.1
W W A V C C in.-Lb. Nm in.-Lb. Nm G Oz. V
Vrms
3500
Revision Date: 12/04/2002
CD62__15A CD67__15A
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK Dual SCR/Diode Isolated Module 150 Amperes / Up to 1600 Volts
TM
Electrical Characteristics, TJ=25C unless otherwise specified
Characteristics Repetitive Peak Forward Leakage Current Repetitive Peak Reverse Leakage Current Peak On-State Voltage Threshold Voltage, Low-level Slope Resistance, Low-level Threshold Voltage, High-level Slope Resistance, High-level VTM Coefficients, Full Range Symbol IDRM IRRM VTM / VFM V(TO)1 rT1 V(TO)2 rT2 Test Conditions Up to 1600V, TJ=125C Up to 1600V, TJ=125C ITM / IFM =500A TJ = 125C, I = 16.7% x IT(AV) to IT(AV) TJ = 125C, I = IT(AV) to ITSM TJ = 125C, I = 15% x IT(AV) to ITSM VTM = A+ B Ln I +C I + D Sqrt I Minimum dV/dt Turn-On Time (Typical) Turn-Off Time (Typical) dV/dt ton t off Exponential to 2/3 VDRM Tj=125C, Gate Open ITM = 300A, VD = 2/3 VDRM dIg/dt =1A/s TJ = 125C, IT= 300A, Rgk = 100 Vr = 50V, -dI/dt=15 A/s Re-Applied dV/dt = 20V/s, Linear to 2/3 VDRM Gate Trigger Current IGT Tj= -40C, VD=6V, Ra=1, Resistive Load Tj= 25C, VD=6V, Ra=1 Resistive Load Tj=125C, VD=6V, Ra=1, Resistive Load Gate Trigger Voltage VGT Tj= -40C, VD=6V, Ra=1, Resistive Load Tj= 25C, VD=6V, Ra=1, Resistive Load Tj=125C, VD=6V, Ra=1, Resistive Load Non-Triggering Gate Voltage Non-Triggering Gate Current VGDM IGDM Tj=125C, VD=VDRM Tj=125C, VD=VDRM 270 150 80 4.0 2.5 1.7 0.30 10 mA mA mA Volts Volts Volts Volts mA A= B= C= D= 1000 3 50 - 200 (Typical) (Typical) Min. Max. 50 50 1.54 0.80 1.67 0.98 1.38 0.5926 -1.10E-03 1.03E-03 0.0241 V/s s s Units mA mA V V m V m
Thermal Characteristics
Characteristics Thermal Resistance, Junction to Case DC Operation Thermal Impedance Coefficients (Per Junction) Symbol RJ-C ZJ-C Per Module, both conducting Per Junction, both conducting ZJ-C= K1 (1-exp(-t/ 1)) + K2 (1-exp(-t/ 2)) + K3 (1-exp(-t/ 3)) RC-S + K4 (1-exp(-t/ 4)) Per Module K1 =5.45334E-3 Max. 0.08 0.16 1 =4.511E-5 K2 =3.8509E+1 2 =1.3558E-1 K3 = -3.5154E+1 3 =1.3311E-1 K4 = -3.20 4 =1.5936E-1 0.05 C/W Units C/W C/W
Thermal Resistance, Case to Sink Lubricated
Revision Date: 12/04/2002
CD62__15A CD67__15A
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK Dual SCR/Diode Isolated Module 150 Amperes / Up to 1600 Volts
TM
Maximum On-State Forward Voltage Drop
( Tj = 125 C )
Maximum Transient Thermal Impedance
(Junction to Case)
0.180 0.160
5
On-State Voltage - Vtm / Vfm - Volts
Thermal Impedance - Rjc - C/W
4
0.140 0.120 0.100 0.080 0.060 0.040 0.020
3
2
1
0
10 100 1000 10000
0.000 0.01
0.1
1
10
Instantaneous On-State Current - Itm / Ifm - Amperes
Time - t - Seconds
Maximum On-State Power Dissipation
(Sinusoidal Waveform) 240
Maximum Allowable Case Temperature
(Sinusoidal Waveform)
125
120 180
Max. Power Dissipation Per Junction - Watts_
220 200 180 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 15 30 90 60
Max. Case Temperature - Tcase -C_
120 115 110 105 100 95 90 85 15 30 60 90 120 180
0
180
360
CONDUCTION ANGLE
0
180
360
CONDUCTION ANGLE
140 160 180
0
20
40
60
80
100
120
140
160
180
Average On-State Current - It(av) / If(av) - Amperes
Average On-State Current - It(av) / If(av) - Amperes
Maximum On-State Power Dissipation
(Rectangular Waveform)
320 300 280 260 240 220 200 180 160 140 120 100 80 60 40 20 0 0 20 40
Maximum Allowable Case Temperature
(Rectangular Waveform)
125
270 360
Max. Power Dissipation Per Junction - Watts_
120
Max. Case Temperature - Tcase -C_
180 120 90 60 15 30
115 110 105 100 95 90 85 80 75 15
0
CONDUCTION ANGLE
180
360
30 60 90 120 180 270 360
0
60 80 100 120 140
CONDUCTION ANGLE
180 200 220 240 260
180
360
160
0
20
40
60
80
100 120 140 160 180 200 220 240 260
Average On-State Current - It(av) / If(av) - Amperes
Average On-State Current - It(av) / If(av) - Amperes
Revision Date: 12/04/2002
CD62__15A CD67__15A
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK Dual SCR/Diode Isolated Module 150 Amperes / Up to 1600 Volts
TM
Powerex CD62 & CD67--15 Pow-R-Blok 6-Pulse Bridge
1500 1400 1300 1200
0.03 0.025 1500 0.02 Rth S-A (C/W) 1400 1300 0.04 1200 1100 1000 900 0.08 800 0.10 0.12 600 0.15 500 0.20 0.30 0.40 0.50 0.60 400 300 200 100 0 700
Total Power Dissipation vs Maximum Rated Output Current
1500 1400 1300 1200 1100 1000 900 800 700 600 500 400 300 200 100 0 50 100 150 200 250 300 350 400 0 450
Total Power Dissipation (W)
Total Power Dissipation (W)
1100 0.05 1000 900 800 700 600 500 400 300 200 100 0 10 30 50 70 90 110 130 Ambient Temperature (C)
0.06
Maximum Bridge Output Current (A)
Six-Pulse Bridge Circuit Total Power Dissipation & Maximum Rated Output Current With Sink to Ambient Resistance of Heatsink as a Parameter.
Revision Date: 12/04/2002


▲Up To Search▲   

 
Price & Availability of CD620815A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X